PART |
Description |
Maker |
ADM1810BADM1813 ADM1810 ADM1810-10ART-REEL ADM1810 |
Microprocessor Reset Circuits Microprocessor Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 Microprocessor Reset Circuits 微处理器复位电路
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
MAX792 MAX792CPE MAX792CSE MAX792EJE MAX792EPE MAX |
Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.62V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.37V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 2.61V. Reset and low-line threshold accuracy -2% Microprocessor Voltage Monitors with Programmable Voltage Detection Dual D-type Positive-Edge-Triggered Flip-Flops With Clear And Preset 14-CFP -55 to 125 微处理器和非挥发性内存监控电 Microprocessor and Non-Volatile Memory Supervisory Circuits From old datasheet system Microprocessor and non-volatile metory supervisory circuit. Reset threshold 3.06V. Reset and low-line threshold accuracy -2%
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MAX823 MAX823EUK MAX825 MAX825EUK MAX824 MAX824EUK |
Microprocessor supervisory circuit. Reset threshold 2.93V. Active-low reset. Active-high reset. Watchdog input. 5-Pin Microprocessor Supervisory Circuits 8-Bit Parallel-Out Serial Shift Registers 14-CFP -55 to 125
|
MAXIM - Dallas Semiconductor Maxim Integrated Produc... MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX6713Z MAX6713T MAX6713S MAX6713R MAX6713M MAX67 |
Microprocessor reset circuit with manual reset input. Reset threshold 2.63V. Output type active-low push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 4.38V. Output type active-low push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 4.63V. Output type active-low push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 2.93V. Output type active-low open-drain reset. Microprocessor reset circuit with manual reset input. Reset threshold 2.93V. Output type active-high push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 2.93V. Output type active-low push-pull reset. 4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 8-Bit Shift Register 16-SOIC -40 to 125 4引脚、SC70微处理器复位电路,带有手动复位输 8-Bit Shift Register 16-PDIP -40 to 125 4引脚、SC70微处理器复位电路,带有手动复位输
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
AAT3524IGY-4.38-200-T1 AAT3520 AAT3520IGY-2.32-200 |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 MicroPower Microprocessor Reset Circuit MicroPower垄芒 Microprocessor Reset Circuit MicroPower⑩ Microprocessor Reset Circuit
|
AAT[Advanced Analog Technology, Inc.] Advanced Analogic Technologies
|
3613A1R0M 3613A5R6K 3613A101K 3613AR33M 3613A330K |
INDUKTIVITAET SMD 1.0 UH INDUKTIVITAET贴片1.0架UH INDUKTIVITAET SMD 5.6 UH INDUKTIVITAET贴片5.6架UH Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset INDUKTIVITAET贴片100架UH INDUKTIVITAET SMD 0.33 UH INDUKTIVITAET贴片0.33架UH Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset INDUKTIVITAET芯片33UH INDUKTIVITAET SMD 10 UH INDUKTIVITAET贴片10架UH
|
Electronic Theatre Controls, Inc. Chicago Miniature Lighting, LLC TE Connectivity, Ltd. Littelfuse, Inc. AVX, Corp.
|
160PFT100A |
Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset 晶闸管| GTO的| 1KV交五(DRM)的|00VAR56W
|
Vishay Semiconductors
|
AP1702 AP1702AW AP1702AWL AP1702BW AP1702BWL AP170 |
4.63 V, 3-pin microprocessor reset circuit 4.38 V, 3-pin microprocessor reset circuit 3.08 V, 3-pin microprocessor reset circuit TRANSISTOR, JFET N TO-18 RECTIFIER SBR SINGLE 2A 30V 75A-ifsm 0.45Vf 0.2mA-ir PowerDI-123 3K/REEL JFET; Transistor Polarity:N Channel; Breakdown Voltage, V(br)gss:-25V; Zero Gate Voltage Drain Current Min, Idss:12mA; Zero Gate Voltage Drain Current Max, Idss:30mA; Gate-Source Cutoff Voltage Max, Vgs(off):-4V; Package/Case:TO-78 3-Pin Microprocessor Reset Circuits 3引脚微处理器复位电路 JFET; Transistor Polarity:Dual N Channel; Breakdown Voltage, V(br)gss:-25V; Zero Gate Voltage Drain Current Min, Idss:12mA; Zero Gate Voltage Drain Current Max, Idss:30mA; Gate-Source Cutoff Voltage Max, Vgs(off):-4V 3引脚微处理器复位电路 2.93 V, 3-pin microprocessor reset circuit 2.63 V, 3-pin microprocessor reset circuit 4.00 V, 3-pin microprocessor reset circuit
|
ANACHIP[Anachip Corp] ETC[ETC] 复位半导 NEC, Corp. Kingbright, Corp.
|
38721-7312 38721-7306 38721-7308 38721-7304 38721- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 72-5 2种方式结核病 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 72-5 8路结核病 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 72-8 12未来路结核病 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 72-8 10未来路结核病 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 72-8 6未来路结核病 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 72-8 2种方式结核病 25 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
复位半导 Harwin PLC Ironwood Electronics MOLEX INC
|
AZ809NSTR-E1 AZ810 |
3-PIN MICROPROCESSOR RESET CIRCUITS
|
Diodes
|